PART |
Description |
Maker |
M4T32-BR12SH M41ST85WMX6 M41ST85WMH6TR M41ST85YMH6 |
TIMEKEEPER SNAPHAT Battery & Crystal 5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR 5.0.0V124 × 8串行时钟和NVRAM督导 CLUSTER BAR, RJ-11 W/ (12) 4-W RECTIFIER FAST-RECOVERY SINGLE 1A 300V 30A-ifsm 1.3V-vf 40ns 10uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 40ns 10uA-ir DO-41 1K/BULK DIODE SCHOTTKY 25V 10A D2-PAK
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
SF30AG-T SF30AG-B SF30DG-B SF30DG-T SF30JG-B SF30A |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers 3.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
|
DIODES[Diodes Incorporated]
|
1N4933G2 1N4935 1N4935G-T 1N4936G-T 1N4933G-T 1N49 |
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes Incorporated
|
D4SBL40 |
Super Fast Recovery Rectifiers / Super Fast Recovery Diode Bridge
|
Shindengen
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
SF1602GA SF1602GD SF1604GD SF1604GA |
(SF1601GA - SF1608GA) 16.0 Ampere Glass Passivated Super Fast Recovery Rectifier Diodes (SF1601G - SF1608G) 16.0 Ampere Glass Passivated Super Fast Recovery Rectifier Diodes (SF1601GD - SF1608GD) 16.0 Ampere Glass Passivated Super Fast Recovery Rectifier Diodes
|
Thinki Semiconductor
|
DSDI60-18A DSDI60 DSDI60-14A DSDI60-16A |
Fast Recovery Diodes Super Fast Recovery Diode
|
IXYS[IXYS Corporation]
|
IRKDL450-25S20 IRKDL450 IRKDL450-16S20 IRKDL450-20 |
1600V Fast Recovery Diode in a Super MAGN-A-Pak package 2500V Fast Recovery Diode in a Super MAGN-A-Pak package SUPER MAGN-A-PAK Power Modules
|
IRF[International Rectifier]
|
FFA30U60DN FFA30U60DNTU |
30A/600V Ultra Fast Recovery Rectifier ULTRA FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
SBR30200CT08 SBR30200CTFP |
30A SBR? SUPER BARRIER RECTIFIER 30A SBR庐 SUPER BARRIER RECTIFIER 30A SBR㈢ SUPER BARRIER RECTIFIER
|
Diodes Incorporated
|
SF20AG SF20JG |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|